データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LUC-012SXXXDSMSSM データシート(PDF) 6 Page - Inventronics Inc.

部品番号 LUC-012SXXXDSMSSM
部品情報  12W Constant Current IP20 Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INVENTRONICS [Inventronics Inc.]
ホームページ  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

LUC-012SXXXDSMSSM データシート(HTML) 6 Page - Inventronics Inc.

  LUC-012SXXXDSMSSM Datasheet HTML 1Page - Inventronics Inc. LUC-012SXXXDSMSSM Datasheet HTML 2Page - Inventronics Inc. LUC-012SXXXDSMSSM Datasheet HTML 3Page - Inventronics Inc. LUC-012SXXXDSMSSM Datasheet HTML 4Page - Inventronics Inc. LUC-012SXXXDSMSSM Datasheet HTML 5Page - Inventronics Inc. LUC-012SXXXDSMSSM Datasheet HTML 6Page - Inventronics Inc. LUC-012SXXXDSMSSM Datasheet HTML 7Page - Inventronics Inc. LUC-012SXXXDSMSSM Datasheet HTML 8Page - Inventronics Inc. LUC-012SXXXDSMSSM Datasheet HTML 9Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 / 9
Specifications are subject to changes without notice.
All specifications are typical at 25°C unless otherwise stated.
12W Constant Current IP20 Driver
LUC
-012SxxxDSM(SSM)
Rev. L
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Total Harmonic Distortion
Protection Functions
Parameter
Notes
Short Circuit Protection
Auto Recovery. No damage shall occur when any output operating in a short circuit
condition. The power supply shall be self-recovery when the fault condition is removed.
Dimming
 0-10V Dimming
The dimmer control may be operated from either a dimmer or from an input signal of 0 - 10 Vdc. The
recommended implementation is provided below.
Inventronics
LED Driver
L
N
Vac
Dim-
V+
V-
Dim+
Dimmer
Note: Do NOT connect Dim− to the output V− or V+, otherwise the driver will not work properly.



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com