データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LUC-012SXXXDSMSSM データシート(PDF) 8 Page - Inventronics Inc.

部品番号 LUC-012SXXXDSMSSM
部品情報  12W Constant Current IP20 Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INVENTRONICS [Inventronics Inc.]
ホームページ  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

LUC-012SXXXDSMSSM データシート(HTML) 8 Page - Inventronics Inc.

  LUC-012SXXXDSMSSM Datasheet HTML 1Page - Inventronics Inc. LUC-012SXXXDSMSSM Datasheet HTML 2Page - Inventronics Inc. LUC-012SXXXDSMSSM Datasheet HTML 3Page - Inventronics Inc. LUC-012SXXXDSMSSM Datasheet HTML 4Page - Inventronics Inc. LUC-012SXXXDSMSSM Datasheet HTML 5Page - Inventronics Inc. LUC-012SXXXDSMSSM Datasheet HTML 6Page - Inventronics Inc. LUC-012SXXXDSMSSM Datasheet HTML 7Page - Inventronics Inc. LUC-012SXXXDSMSSM Datasheet HTML 8Page - Inventronics Inc. LUC-012SXXXDSMSSM Datasheet HTML 9Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 / 9
Specifications are subject to changes without notice.
All specifications are typical at 25°C unless otherwise stated.
12W Constant Current IP20 Driver
LUC
-012SxxxDSM(SSM)
Rev. L
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Revision History
Change
Date
Rev.
Description of Change
Item
From
To
2011-9-29
A
Datasheets Release
/
/
2011-10-11
B
Derating Curve, Life time, PF, EFF Curve
/
Update
2011-12-27
C
Derating Curve
/
Update
2012-6-14
D
Startup Overshoot Current
20%
10%
2012-7-17
E
Max. Case Temperature
/
Updated
2012-8-29
F
Inrush Current(I2t)
/
Added
Min. PF
/
Added
Max. THD
/
Added
Temperature co-efficient
/
Added
Typical lifetime and MTBF
/
Added
2013-02-20
G
Efficiency @220Vac
/
1% lower
Efficiency @277Vac
/
2% lower
Efficiency & PF Curve of other models
/
Added
THD Curve of all the models
/
Added
2013-11-29
H
Mechanical Outline
/
Updated
2014-02-26
I
PF
0.9 Min At 100-277Vac,
90%-100%load
0.9 Min At 100-277Vac,
100%load
2015-07-14
J
Leakage Current
/
Updated
Inrush Current(I2t)
0.001 A2s
0.015 A2s
Turn-on Delay Time at 220 Vac
/
Added
Lifetime
63,500 Hours
90,000 Hours
Warranty Tc
/
Added
Environmental Specifications
/
Deleted
Net Weight
170g
150g
0~10V Wire Current Sourcing Capability Max. 200 uA
250 uA
Lifetime vs. Case Temperature Curve
/
Updated
Inrush Current Waveform
/
Added
THD Curve
/
Updated
2017-07-14
K
CB certificate
/
Added
PSE certificate
/
Added



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com