データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTM4650 データシート(PDF) 36 Page - Analog Devices

部品番号 LTM4650
部品情報  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

LTM4650 データシート(HTML) 36 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 28Page - Analog Devices LTM4650 Datasheet HTML 29Page - Analog Devices LTM4650 Datasheet HTML 30Page - Analog Devices LTM4650 Datasheet HTML 31Page - Analog Devices LTM4650 Datasheet HTML 32Page - Analog Devices LTM4650 Datasheet HTML 33Page - Analog Devices LTM4650 Datasheet HTML 34Page - Analog Devices LTM4650 Datasheet HTML 35Page - Analog Devices LTM4650 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
Digital Power System Management
Analog Devices’ family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
LTM4650-2
36
Rev. 0
For more information www.analog.com
 ANALOG DEVICES, INC. 2024
01/24
www.analog.com
RELATED PARTS
DESIGN RESOURCES
PACKAGE PHOTOS
PART NUMBER DESCRIPTION
COMMENTS
LTM4650-1
LTM4650-2 without AVP, External Compensation, ±0.8%
(LTM4650-1A) or ±1.5% (LTM4650-1B) VOUT Accuracy
Dual 25A or Single 50A, 4.5V ≤ VIN ≤ 15V. 0.6V ≤ VOUT ≤ 1.8V,
16mm × 16mm × 5.01mm BGA
LTM4650
Internal Compensation, ±1.5% VOUT Accuracy.
Dual 25A or Single 50A, 4.5V ≤ VIN ≤ 15V. 0.6V ≤ VOUT ≤ 1.8V,
16mm × 16mm × 5.01mm BGA
LTM4650A
Internal Compensation, High VOUT Up to 5.5V. ±1% VOUT Accuracy Dual 25A or Single 50A, 4.5V ≤ VIN ≤ 16V, 0.6V ≤ VOUT ≤ 5.5V,
16mm × 16mm × 4.41mm LGA and 5.01mm BGA
LTM4630
Lower Current than LTM4650, Dual 18A or Single 36A
Pin Compatible with LTM4650. 4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V,
16mm × 16mm × 4.41mm LGA and 5.01mm BGA
LTM4630-1
Lower Current than LTM4650-1, External Compensation and
±0.8% (LTM4630-1A) or ±1.5% (LTM4630-1B) VOUT Accuracy
Pin Compatible with LTM4650-1, 4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V,
16mm × 16mm × 5.01mm BGA
LTM4630A
Lower Current and Higher VOUT than LTM4650A, Up to 8VOUT,
Dual 18A or Single 36A
Pin Compatible with LTM4650A, 4.5V ≤ VIN ≤ 18V, 0.6V ≤ VOUT ≤ 8V,
16mm × 16mm × 4.41mm LGA and 5.01mm BGA
LTM4681
Quad 31.25A or Single 125A with PMBus Interface
4.5V ≤ VIN ≤ 16V, 0.5V ≤ VOUT ≤ 3.3V, 15mm × 22mm × 8.17mm BGA
LTM4683
0.3VOUT (Mini), Quad 31.25A or Single 125A with PMBus Interface 4.5V ≤ VIN ≤ 14V, 0.3V ≤ VOUT ≤ 0.7V, 15mm × 22mm × 5.71mm BGA
LTM4700
Dual 50A or Single 100A with PMBus Interface
4.5V ≤ VIN ≤ 16V, 0.5V ≤ VOUT ≤ 1.8V, 15mm × 22mm × 7.87mm BGA
LTM4680
Dual 30A or Single 60A with PMBus Interface
4.5V ≤ VIN ≤ 16V, 0.5V ≤ VOUT ≤ 3.3V, 16mm × 16mm × 7.82mm BGA
LTM4678
Dual 25A or Single 50A with PMBus Interface
4.5V ≤ VIN ≤ 16V, 0.5V ≤ VOUT ≤ 3.4V, 16mm × 16mm × 5.86mm BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com