データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTM4650 データシート(PDF) 25 Page - Analog Devices

部品番号 LTM4650
部品情報  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

LTM4650 データシート(HTML) 25 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 21Page - Analog Devices LTM4650 Datasheet HTML 22Page - Analog Devices LTM4650 Datasheet HTML 23Page - Analog Devices LTM4650 Datasheet HTML 24Page - Analog Devices LTM4650 Datasheet HTML 25Page - Analog Devices LTM4650 Datasheet HTML 26Page - Analog Devices LTM4650 Datasheet HTML 27Page - Analog Devices LTM4650 Datasheet HTML 28Page - Analog Devices LTM4650 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
LTM4650-2
25
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 2. 0.9V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 15, Figure 16
5, 12
Figure 13
0
None
7.5
Figure 15, Figure 16
5, 12
Figure 13
200
None
5.5
Figure 15, Figure 16
5, 12
Figure 13
400
None
5
Figure 17, Figure 18
5, 12
Figure 13
0
BGA Heat Sink
7
Figure 17, Figure 18
5, 12
Figure 13
200
BGA Heat Sink
4.5
Figure 17, Figure 18
5, 12
Figure 13
400
BGA Heat Sink
4
Table 3. 1.5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 19, Figure 20
5, 12
Figure 14
0
None
7.5
Figure 19, Figure 20
5, 12
Figure 14
200
None
5.5
Figure 19, Figure 20
5, 12
Figure 14
400
None
5
Figure 21, Figure 22
5, 12
Figure 14
0
BGA Heat Sink
7
Figure 21, Figure 22
5, 12
Figure 14
200
BGA Heat Sink
4.5
Figure 21, Figure 22
5, 12
Figure 14
400
BGA Heat Sink
4
HEAT SINK MANUFACTURER
PART NUMBER
WEBSITE
Wakefield
LTN20069-T5
wakefield-vette.com
the 120°C junction temperature, then the difference of
30°C divided by 5.5W equals a 5.4°C/W θJA thermal resis-
tance. Table 2 specifies a 5.5°C/W value, which is pretty
close. Table 2 and Table 3 provide equivalent thermal
resistances for 0.9V and 1.5V outputs with and without
airflow and heat sinking.
The derived thermal resistances in Table 2 and Table 3
for the various conditions can be multiplied by the calcu-
lated power loss as a function of ambient temperature to
derive temperature rise above ambient, thus maximum
junction temperature. Room temperature power loss
can be derived from the efficiency curves and adjusted
with the above ambient temperature multiplicative fac-
tors. The printed circuit board is a 1.6mm thick 4-layer
board with 2oz copper on each layer. The PCB dimen-
sions are 101mm × 114mm. The BGA heat sinks are listed
in Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com