データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST92F124 データシート(PDF) 55 Page - STMicroelectronics

部品番号 ST92F124
部品情報  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 データシート(HTML) 55 Page - STMicroelectronics

Back Button ST92F124_06 Datasheet HTML 51Page - STMicroelectronics ST92F124_06 Datasheet HTML 52Page - STMicroelectronics ST92F124_06 Datasheet HTML 53Page - STMicroelectronics ST92F124_06 Datasheet HTML 54Page - STMicroelectronics ST92F124_06 Datasheet HTML 55Page - STMicroelectronics ST92F124_06 Datasheet HTML 56Page - STMicroelectronics ST92F124_06 Datasheet HTML 57Page - STMicroelectronics ST92F124_06 Datasheet HTML 58Page - STMicroelectronics ST92F124_06 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 429 page
background image
55/429
ST92F124/F150/F250 - SINGLE VOLTAGE FLASH & E3 TM (EMULATED EEPROM)
Figure 33. Hardware Emulation Flow
3.2.5 Important note on Flash Erase Suspend
Refer to Section 13.1 on page 408;
Emulation Flow
Reset
Read Status Pages
Map E3 TM
in current sector
Write operation
to complete ?
Complete
Write operation
Update
Status page
Yes
No
Wait for
Update commands
Page
Update
Command
End Page
Update
Interrupt
(to Core)
Program selected
Page from RAM buffer
in next free block
Copy all other Pages
into RAM buffer;
then program them
in next free block
1/4 erase of
complementary sector
Update
Status Page
new
sector ?
Yes
No
Complementary
sector erased ?
Yes
No
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More