データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST92F124 データシート(PDF) 91 Page - STMicroelectronics

部品番号 ST92F124
部品情報  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 データシート(HTML) 91 Page - STMicroelectronics

Back Button ST92F124_06 Datasheet HTML 87Page - STMicroelectronics ST92F124_06 Datasheet HTML 88Page - STMicroelectronics ST92F124_06 Datasheet HTML 89Page - STMicroelectronics ST92F124_06 Datasheet HTML 90Page - STMicroelectronics ST92F124_06 Datasheet HTML 91Page - STMicroelectronics ST92F124_06 Datasheet HTML 92Page - STMicroelectronics ST92F124_06 Datasheet HTML 93Page - STMicroelectronics ST92F124_06 Datasheet HTML 94Page - STMicroelectronics ST92F124_06 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 429 page
background image
91/429
ST92F124/F150/F250 - REGISTER AND MEMORY MAP
Note: xx denotes a byte with an undefined value, however some of the bits may have defined values. Refer to register
description for details.
* Available on some devices only
63
ADC
R243
CRR
Compare Result Register
0x
370
R244
LTAHR
Channel A Lower Threshold High Register
xx
370
R245
LTALR
Channel A Lower Threshold Low Register
x0
370
R246
LTBHR
Channel B Lower Threshold High Register
xx
370
R247
LTBLR
Channel B Lower Threshold Low Register
x0
371
R248
UTAHR
Channel A Upper Threshold High Register
xx
371
R249
UTALR
Channel A Upper Threshold Low Register
x0
371
R250
UTBHR
Channel B Upper Threshold High Register
xx
371
R251
UTBLR
Channel B Upper Threshold Low Register
x0
371
R252
CLR1
Control Logic Register 1
0F
372
R253
CLR2
Control Logic Register 2
A0
372
R254
AD_ICR
Interrupt Control Register
0F
373
R255
AD_IVR
Interrupt Vector Register
x2
374
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More