データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST92F124 データシート(PDF) 67 Page - STMicroelectronics

部品番号 ST92F124
部品情報  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 データシート(HTML) 67 Page - STMicroelectronics

Back Button ST92F124_06 Datasheet HTML 63Page - STMicroelectronics ST92F124_06 Datasheet HTML 64Page - STMicroelectronics ST92F124_06 Datasheet HTML 65Page - STMicroelectronics ST92F124_06 Datasheet HTML 66Page - STMicroelectronics ST92F124_06 Datasheet HTML 67Page - STMicroelectronics ST92F124_06 Datasheet HTML 68Page - STMicroelectronics ST92F124_06 Datasheet HTML 69Page - STMicroelectronics ST92F124_06 Datasheet HTML 70Page - STMicroelectronics ST92F124_06 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 429 page
background image
67/429
ST92F124/F150/F250 - SINGLE VOLTAGE FLASH & E3 TM (EMULATED EEPROM)
Figure 38. Flash in-system Programming.
TestFlash Code
Start
Initialisation
Enable Serial
Interface
Jump to Flash
Main
Code
In-system
prog routine
Flash
virgin ?
Erase sectors
Yes
No
Load 1st table
of data in RAM
through S.I.
Prog 1st table
of data from
RAM in Flash
Load 2nd table
of data in RAM
through SCI
Inc. Address
Last
Address ?
RET
Yes
No
Code Update
Routine
Enable DMA
Load in-system
prog routine
in internal RAM
through SCI.
Call in-system
prog routine
HALT
Address
Match
Interrupt
(from SCI)
User
Test
Internal RAM (User Code Example)
SOUT0
= 0 ?
Yes
No
WFI
Flash
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More