データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST92F124 データシート(PDF) 145 Page - STMicroelectronics

部品番号 ST92F124
部品情報  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 データシート(HTML) 145 Page - STMicroelectronics

Back Button ST92F124_06 Datasheet HTML 141Page - STMicroelectronics ST92F124_06 Datasheet HTML 142Page - STMicroelectronics ST92F124_06 Datasheet HTML 143Page - STMicroelectronics ST92F124_06 Datasheet HTML 144Page - STMicroelectronics ST92F124_06 Datasheet HTML 145Page - STMicroelectronics ST92F124_06 Datasheet HTML 146Page - STMicroelectronics ST92F124_06 Datasheet HTML 147Page - STMicroelectronics ST92F124_06 Datasheet HTML 148Page - STMicroelectronics ST92F124_06 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 429 page
background image
145/429
ST92F124/F150/F250 - EXTERNAL MEMORY INTERFACE (EXTMI)
EXTERNAL MEMORY SIGNALS (Cont’d)
Figure 76. External memory Read/Write with a programmable wait
AS STRETCH
DS STRETCH
ADDRESS
ADDRESS
ADDRESS
ADDRESS
DATA IN
DATA IN
DATA OUT
DATA
T1
T2
T1
T2
TWA
TWD
NO WAIT CYCLE
1 AS WAIT CYCLE
1 DS WAIT CYCLE
AS (MC=0)
ALE (MC=1)
DS (MC=0)
P0
RW (MC=0)
OEN (MC=1)
WEN (MC=1)
P0
RW (MC=0)
OEN (MC=1)
WEN (MC=1)
ADDRESS
ADDRESS
TAVQV
TAVWH
TAVWL
SYSTEM
CLOCK
(AS pin)
(DS pin)
(RW pin)
(DS pin)
(RW pin)
P1, P9
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More