データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST92F124 データシート(PDF) 389 Page - STMicroelectronics

部品番号 ST92F124
部品情報  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 データシート(HTML) 389 Page - STMicroelectronics

Back Button ST92F124_06 Datasheet HTML 385Page - STMicroelectronics ST92F124_06 Datasheet HTML 386Page - STMicroelectronics ST92F124_06 Datasheet HTML 387Page - STMicroelectronics ST92F124_06 Datasheet HTML 388Page - STMicroelectronics ST92F124_06 Datasheet HTML 389Page - STMicroelectronics ST92F124_06 Datasheet HTML 390Page - STMicroelectronics ST92F124_06 Datasheet HTML 391Page - STMicroelectronics ST92F124_06 Datasheet HTML 392Page - STMicroelectronics ST92F124_06 Datasheet HTML 393Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 429 page
background image
389/429
ST92F124/F150/F250 - ELECTRICAL CHARACTERISTICS
EXTERNAL BUS TIMING
A21 - A8
12
3
4
5
6
7
8
9
13
16
17
Note : OEN stays high for the whole write cycle and WEN stays high for the whole read cycle.
10
11
14
15
CPUCLK
PORT9/1
PORT0
PORT0
ALE
OEN
(READ)
WEN
(WRITE)
(WRITE)
A7-A0
D7-D0 IN
A7-A0
(READ)
D7-D0 OUT
12
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More