データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST92F124 データシート(PDF) 397 Page - STMicroelectronics

部品番号 ST92F124
部品情報  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 データシート(HTML) 397 Page - STMicroelectronics

Back Button ST92F124_06 Datasheet HTML 393Page - STMicroelectronics ST92F124_06 Datasheet HTML 394Page - STMicroelectronics ST92F124_06 Datasheet HTML 395Page - STMicroelectronics ST92F124_06 Datasheet HTML 396Page - STMicroelectronics ST92F124_06 Datasheet HTML 397Page - STMicroelectronics ST92F124_06 Datasheet HTML 398Page - STMicroelectronics ST92F124_06 Datasheet HTML 399Page - STMicroelectronics ST92F124_06 Datasheet HTML 400Page - STMicroelectronics ST92F124_06 Datasheet HTML 401Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 429 page
background image
397/429
ST92F124/F150/F250 - ELECTRICAL CHARACTERISTICS
SPI Slave Timing Diagram CPHA=0, CPOL=0
SPI Slave Timing Diagram CPHA=0, CPOL=1
SPI Slave Timing Diagram CPHA=1, CPOL=0
SPI Slave Timing Diagram CPHA=1, CPOL=1
1
6
7
10
11
12
13
SS
(INPUT)
SCK
MISO
MOSI
(INPUT)
(OUTPUT)
5
4
(INPUT)
2
3
8
9
HIGH-Z
VR000113
D7-IN
D6-IN
D0-IN
D7-OUT
D6-OUT
D0-OUT
1
6
7
10
11
12
13
SS
(INPUT)
SCK
MISO
MOSI
(INPUT)
(OUTPUT)
5
4
(INPUT)
2
3
8
9
HIGH-Z
VR000114
D7-IN
D6-IN
D0-IN
D7-OUT
D6-OUT
D0-OUT
1
6
7
10
11
12
13
SS
(INPUT)
SCK
MISO
MOSI
(INPUT)
(OUTPUT)
5
4
(INPUT)
2
3
8
9
HIGH-Z
VR000111
D7-OUT
D6-OUT
D0-OUT
D7-IN
D6-IN
D0-IN
1
6
7
10
11
12
13
SS
(INPUT)
SCK
MISO
MOSI
(INPUT)
(OUTPUT)
5
4
(INPUT)
2
3
8
9
HIGH-Z
D7-OUT
D6-OUT
D0-OUT
D7-IN
D6-IN
D0-IN
VR000112
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More