| データシートサーチシステム |
|
PCF8531 データシート(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8531 データシート(HTML) 33 Page - NXP Semiconductors |
|
33 / 44 page ![]() 2000 Feb 11 33 Philips Semiconductors Product specification 34 × 128 pixel matrix driver PCF8531 15 BONDING PAD LOCATIONS Table 10 Bonding pad locations All x and y coordinates are referenced to the centre of the chip (dimensions in µm; see Fig.28). SYMBOL PAD x y dummy 1 +5973.6 −821.7 dummy 2 +5969.5 +823.4 dummy 3 +5899.5 +823.4 dummy 4 +5829.5 +823.4 dummy 5 +5479.5 +823.4 dummy 6 +5409.5 +823.4 dummy 7 +5059.5 +823.4 dummy 8 +4989.5 +823.4 dummy 9 +4639.5 +823.4 dummy 10 +4569.5 +823.4 dummy 11 +4219.5 +823.4 dummy 12 +4149.5 +823.4 dummy 13 +3799.5 +823.4 dummy 14 +3729.5 +823.4 OSC 15 +3449.5 +823.4 VLCDSENSE 16 +3169.5 +823.4 VLCDOUT 17 +3099.5 +823.4 VLCDOUT 18 +3029.5 +823.4 VLCDOUT 19 +2959.5 +823.4 VLCDOUT 20 +2889.5 +823.4 VLCDOUT 21 +2819.5 +823.4 VLCDOUT 22 +2749.5 +823.4 VLCDOUT 23 +2679.5 +823.4 VLCDIN 24 +2539.5 +823.4 VLCDIN 25 +2469.5 +823.4 VLCDIN 26 +2399.5 +823.4 VLCDIN 27 +2329.5 +823.4 VLCDIN 28 +2259.5 +823.4 VLCDIN 29 +2189.5 +823.4 VLCDIN 30 +2119.5 +823.4 RES 31 +1979.5 +823.4 VDD3 32 +1699.5 +823.4 VDD3 33 +1629.5 +823.4 VDD3 34 +1559.5 +823.4 VDD2 35 +1279.5 +823.4 VDD2 36 +1209.5 +823.4 VDD2 37 +1139.5 +823.4 VDD2 38 +1069.5 +823.4 VDD2 39 +999.5 +823.4 VDD2 40 +929.5 +823.4 VDD2 41 +859.5 +823.4 VDD2 42 +789.5 +823.4 VDD1 43 +649.5 +823.4 VDD1 44 +579.5 +823.4 VDD1 45 +509.5 +823.4 VDD1 46 +439.5 +823.4 VDD1 47 +369.5 +823.4 VDD1 48 +299.5 +823.4 VDD1 49 +229.5 +823.4 SDA 50 +19.5 +823.4 SDA 51 −50.5 +823.4 SDACK 52 −400.5 +823.4 dummy 53 −750.5 +823.4 SA0 54 −820.5 +823.4 ENR 55 −1100.5 +823.4 T4 56 −1380.5 +823.4 VSS2 57 −1660.5 +823.4 VSS2 58 −1730.5 +823.4 VSS2 59 −1800.5 +823.4 VSS2 60 −1870.5 +823.4 VSS2 61 −1940.5 +823.4 VSS2 62 −2010.5 +823.4 VSS2 63 −2080.5 +823.4 VSS1 64 −2220.5 +823.4 VSS1 65 −2290.5 +823.4 VSS1 66 −2360.5 +823.4 VSS1 67 −2430.5 +823.4 VSS1 68 −2500.5 +823.4 VSS1 69 −2570.5 +823.4 VSS1 70 −2640.5 +823.4 T3 71 −2780.5 +823.4 T1 72 −3060.5 +823.4 SCL 73 −3410.5 +823.4 SCL 74 −3480.5 +823.4 dummy 75 −3830.5 +823.4 dummy 76 −4180.5 +823.4 dummy 77 −4530.5 +823.4 T2 78 −4600.5 +823.4 SYMBOL PAD x y |