| データシートサーチシステム |
|
PCF8533 データシート(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8533 データシート(HTML) 17 Page - NXP Semiconductors |
|
17 / 36 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... MGL751 S 2 n S 1 n S 7 n S n S n S 3 n S 5 n S 2 n S 3 n S 1 n S 1 n S 1 n S 2 n S n S 6 n S n S 4 n DP DP DP DP a f b g e c d a f b g e c d a f b g e c d a f b g e c d BP0 BP0 BP0 BP1 BP1 BP2 BP1 BP2 BP3 BP0 n c x x x 0 1 2 3 b x x x a x x x f x x x g x x x e x x x d x x x DP x x x n1 n2 n3 n4 n5 n6 n7 bit/ BP n a b x x 0 1 2 3 f g x x e c x x d DP x x n1 n2 n3 bit/ BP n b DP c x 0 1 2 3 a d g x f e x x n1 n2 bit/ BP n a c b DP 0 1 2 3 f e g d n1 bit/ BP c b af gedDP a b f gec dDP b DP c adgf e a c b DP f egd MSB LSB MSB LSB MSB LSB MSB LSB drive mode static 1 : 2 multiplex 1 : 3 multiplex 1 : 4 multiplex LCD segments LCD backplanes display RAM filling order transmitted display byte Fig.9 Relationships between LCD layout, drive mode, display RAM filling order and display data transmitted over the I2C-bus. X = data bit unchanged. |