| データシートサーチシステム |
|
PCF8533 データシート(PDF) 31 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8533 データシート(HTML) 31 Page - NXP Semiconductors |
|
31 / 36 page ![]() 1999 Jul 30 31 Philips Semiconductors Product specification Universal LCD driver for low multiplex rates PCF8533 S57 75 −1562.40 +594.40 S58 76 −1642.40 +594.40 S59 77 −1722.40 +594.40 S60 78 −1802.40 +594.40 S61 79 −1882.40 +594.40 S62 80 −1962.40 +594.40 S63 81 −2042.40 +594.40 S64 82 −2122.40 +594.40 S65 83 −2202.40 +594.40 S66 84 −2282.40 +594.40 S67 85 −2362.40 +594.40 S68 86 −2322.40 −594.40 S69 87 −2242.40 −594.40 S70 88 −2162.40 −594.40 S71 89 −2082.40 −594.40 S72 90 −2002.40 −594.40 S73 91 −1922.40 −594.40 S74 92 −1842.40 −594.40 S75 93 −1762.40 −594.40 S76 94 −1682.40 −594.40 S77 95 −1602.40 −594.40 S78 96 −1522.40 −594.40 SYMBOL PAD x y Note 1. The dummy pads are not tested. S79 97 −1442.40 −594.40 BP3 98 −1362.40 −594.40 BP1 99 −1282.40 −594.40 Alignment marks C1 − +2300.5 +55.0 C2 −−2320.2 +107.0 F −−2208.3 −165.4 Dummy pads (connected to segments shown; note D1 (S11) +2469.70 −594.40 D2 (S11) +2549.70 −594.40 D3 (S12) +2517.60 +594.40 D4 (S12) +2437.60 +594.40 D5 (S67) −2442.30 +594.40 D6 (S67) −2522.30 +594.40 D7 (S68) −2554.40 −594.40 D8 (S68) −2474.40 −594.40 Chip corners (pre-sawing) Bottom left −−2695.00 −750.00 Top right − +2695.00 +750.00 SYMBOL PAD x y Fig.21 Alignment markers. handbook, halfpage REF REF REF C2 C1 F MGL756 |