| データシートサーチシステム |
|
PCF8548U/2 データシート(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8548U/2 データシート(HTML) 9 Page - NXP Semiconductors |
|
9 / 40 page ![]() 1999 Aug 16 9 Philips Semiconductors Product specification 65 × 102 pixels matrix LCD driver PCF8548 10 ADDRESSING The Display Data RAM (DDRAM) of the PCF8548 is accessed as indicated in Figs 3, 6, 7, 8 and 9. The DDRAM has a matrix of 65 × 102 bits. The RAM cells are addressed by the X and Y address pointers. The address ranges are X0 to X101 (1100101b) and Y0 to Y8 (1000b). Addresses outside of these ranges are not allowed. In vertical addressing mode (V = 1) the Y address increments after each byte (see Fig.5). After the last Y address (Y = 8), Y wraps around to 0 and X increments to address the next column. In the horizontal addressing mode (V = 0) the X address increments after each byte (see Fig.4). After the last X address (X = 101), X wraps around to 0 and Y increments to address the next row. After the very last address (X = 101 and Y = 8) the address pointers wrap around to address X = 0 andY=0. 10.1 Display data RAM structure Fig.4 Sequence of writing data bytes into RAM with horizontal addressing (V = 0). handbook, full pagewidth MGS396 012 102 103 104 204 205 206 306 307 308 408 409 410 510 511 512 612 613 614 714 715 716 816 817 818 0 8 917 0 101 X address Y address |