| データシートサーチシステム |
|
PCF8548U/2 データシート(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8548U/2 データシート(HTML) 3 Page - NXP Semiconductors |
|
3 / 40 page ![]() 1999 Aug 16 3 Philips Semiconductors Product specification 65 × 102 pixels matrix LCD driver PCF8548 1 FEATURES • Single-chip LCD controller/driver • 65 row and 102 column outputs • Display data RAM 65 × 102 bits • On-chip: – Configurable 5 (4, 3 and 2) × voltage multiplier generating VLCD (external VLCD also possible) – Generation of intermediate LCD bias voltages – Oscillator requires no external components (external clock also possible). • 400 kbits/s fast I2C-bus interface • CMOS compatible inputs • Mux rate: 1 : 65 • Logic supply voltage range VDD1 to VSS: – 1.9 to 5.5 V. • High voltage generator supply voltage range VDD2 to VSS and VDD3 to VSS: – 2.4 to 4.5 V with LCD voltage internally generated (voltage generator enabled). • Display supply voltage range VLCD to VSS: – 4.5 to 9.0 V • Low power consumption, suitable for battery operated systems • Temperature compensation of VLCD • Slim chip layout, suitable for Chip-On-Glass (COG) applications • Programmable bottom row pads mirroring and top row pads mirroring, for compatibility with both Tape Carrier Package (TCP) and COG applications. 2 APPLICATIONS • Telecom equipment • Portable instruments • Point of sale terminals. 3 GENERAL DESCRIPTION The PCF8548 is a low power CMOS LCD controller driver, designed to drive a graphic display of 65 rows and 102 columns. All necessary functions for the display are provided in a single chip, including on-chip generation of LCD supply and bias voltages, resulting in a minimum of external components and low power consumption. The PCF8548 interfaces to most microcontrollers via an I2C-bus interface. 3.1 Packages The PCF8548 is available as chip with bumps in tray; tape carrier package is available on request. 4 ORDERING INFORMATION TYPE NUMBER PACKAGE NAME DESCRIPTION VERSION PCF8548U/2 Tray chip with bumps in tray − PCF8548U/9 Bumped wafer quarter wafer − |