| データシートサーチシステム |
|
PCF8548U/2 データシート(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8548U/2 データシート(HTML) 10 Page - NXP Semiconductors |
|
10 / 40 page ![]() 1999 Aug 16 10 Philips Semiconductors Product specification 65 × 102 pixels matrix LCD driver PCF8548 The DO bit defines the bit order (MSB on top or MSB on bottom) for writing to the RAM (see Figs 6 and 7). Fig.5 Sequence of writing data bytes into RAM with vertical addressing (V = 1). handbook, full pagewidth MGS397 09 110 2 3 4 5 6 7 8 0 8 917 0 101 X address Y address Fig.6 RAM byte organization, if DO = 0. handbook, full pagewidth MGS398 MSB LSB MSB LSB |