データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF8574TS データシート(PDF) 11 Page - NXP Semiconductors

部品番号 PCF8574TS
部品情報  Remote 8-bit I/O expander for I2C-bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8574TS データシート(HTML) 11 Page - NXP Semiconductors

Back Button PCF8574TS Datasheet HTML 7Page - NXP Semiconductors PCF8574TS Datasheet HTML 8Page - NXP Semiconductors PCF8574TS Datasheet HTML 9Page - NXP Semiconductors PCF8574TS Datasheet HTML 10Page - NXP Semiconductors PCF8574TS Datasheet HTML 11Page - NXP Semiconductors PCF8574TS Datasheet HTML 12Page - NXP Semiconductors PCF8574TS Datasheet HTML 13Page - NXP Semiconductors PCF8574TS Datasheet HTML 14Page - NXP Semiconductors PCF8574TS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1997 Apr 02
11
Philips Semiconductors
Product specification
Remote 8-bit I/O expander for I2C-bus
PCF8574
7.2
Interrupt (see Figs 12 and 13)
The PCF8574 provides an open drain output (INT) which
can be fed to a corresponding input of the microcontroller.
This gives these chips a type of master function which can
initiate an action elsewhere in the system.
An interrupt is generated by any rising or falling edge of the
port inputs in the input mode. After time tiv the signal INT is
valid.
Resetting and reactivating the interrupt circuit is achieved
when data on the port is changed to the original setting or
data is read from or written to the port which has generated
the interrupt.
Resetting occurs as follows:
• In the READ mode at the acknowledge bit after the rising
edge of the SCL signal
• In the WRITE mode at the acknowledge bit after the
HIGH-to-LOW transition of the SCL signal
• Interrupts which occur during the acknowledge clock
pulse may be lost (or very short) due to the resetting of
the interrupt during this pulse.
Each change of the I/Os after resetting will be detected
and, after the next rising clock edge, will be transmitted as
INT. Reading from or writing to another device does not
affect the interrupt circuit.
7.3
Quasi-bidirectional I/Os (see Fig.14)
A quasi-bidirectional I/O can be used as an input or output
without the use of a control signal for data direction.
At power-on the I/Os are HIGH. In this mode only a current
source to VDD is active. An additional strong pull-up to VDD
allows fast rising edges into heavily loaded outputs. These
devices turn on when an output is written HIGH, and are
switched off by the negative edge of SCL. The I/Os should
be HIGH before being used as inputs.
handbook, full pagewidth
MBD976
MICROCOMPUTER
INT
INT
INT
PCF8574
(1)
PCF8574
(2)
V DD
INT
PCF8574
(16)
Fig.12 Application of multiple PCF8574s with interrupt.
Fig.13 Interrupt generated by a change of input to I/O P5.
handbook, full pagewidth
MBD972
S
0
1
0
0
A2
A1
A0
1
A
start condition
1
P5
R/W
acknowledge
from slave
1
SDA
SCL
DATA INTO
P5
t ir
INT
slave address (PCF8574)
data from port
1
234
567
8
P
stop
condition
t iv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24