| データシートサーチシステム |
|
PCF8574TS データシート(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8574TS データシート(HTML) 17 Page - NXP Semiconductors |
|
17 / 24 page ![]() 1997 Apr 02 17 Philips Semiconductors Product specification Remote 8-bit I/O expander for I2C-bus PCF8574 UNIT A max. A1 A2 A3 bp cD (1) E (1) (1) eHE LLp Q Z y w v θ REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC EIAJ mm inches 2.65 0.30 0.10 2.45 2.25 0.49 0.36 0.32 0.23 10.5 10.1 7.6 7.4 1.27 10.65 10.00 1.1 1.0 0.9 0.4 8 0 o o 0.25 0.1 DIMENSIONS (inch dimensions are derived from the original mm dimensions) Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 1.1 0.4 SOT162-1 8 16 w M b p D detail X Z e 9 1 y 0.25 075E03 MS-013AA pin 1 index 0.10 0.012 0.004 0.096 0.089 0.019 0.014 0.013 0.009 0.41 0.40 0.30 0.29 0.050 1.4 0.055 0.419 0.394 0.043 0.039 0.035 0.016 0.01 0.25 0.01 0.004 0.043 0.016 0.01 X θ A A1 A2 HE L p Q E c L v M A (A ) 3 A 0 5 10 mm scale SO16: plastic small outline package; 16 leads; body width 7.5 mm SOT162-1 95-01-24 97-05-22 |