| データシートサーチシステム |
|
PCF8574TS データシート(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8574TS データシート(HTML) 18 Page - NXP Semiconductors |
|
18 / 24 page ![]() 1997 Apr 02 18 Philips Semiconductors Product specification Remote 8-bit I/O expander for I2C-bus PCF8574 UNIT A1 A2 A3 bp cD(1) E(1) (1) eHE LLp QZ y w v θ REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC EIAJ mm 0.15 0 1.4 1.2 0.32 0.20 0.20 0.13 6.6 6.4 4.5 4.3 0.65 1.0 0.2 6.6 6.2 0.65 0.45 0.48 0.18 10 0 o o 0.13 0.1 DIMENSIONS (mm are the original dimensions) Note 1. Plastic or metal protrusions of 0.20 mm maximum per side are not included. 0.75 0.45 SOT266-1 90-04-05 95-02-25 w M θ A A1 A2 b p D HE L p Q detail X E Z e c L v M A X (A ) 3 A y 0.25 110 20 11 pin 1 index 0 2.5 5 mm scale SSOP20: plastic shrink small outline package; 20 leads; body width 4.4 mm SOT266-1 A max. 1.5 |