| データシートサーチシステム |
|
AS7225 データシート(PDF) 15 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7225 データシート(HTML) 15 Page - OSRAM GmbH |
|
15 / 76 page ![]() Document Feedback AS7225 Functional Description Datasheet • PUBLIC DS000496 • v2-00 • 2019-Jun-28 75 │ 14 7 Functional Description 7.1 Calibrated XYZ Chromatic Smart Lighting Director – Overview By sensing a sample of the mixed warm and cool CCTs as either a reflection from the diffuser or other light-guide/optical light gathering technique, the AS7225 serves as a calibrated chromatic smart lighting director for a companion host MCU. Please note, that non-diffused applications require some form of reflective or other light gathering that delivers an adequate sample of mixed light to the sensor. Care should be taken to fulfill the angle of incidence requirements of the nano-optic filter set. Director operation also provides selectable dimming information for either PWM-based or current-based luminaire dimming designs. Figure 11: AS7225 Workflow Abstract Waiting for trigger Start Calculation Measure current LUX and CCT Calculate diifferences for LUX and CCT Calculate new PWM values PWM calculation finished Sensor settings, Learn: Max CCT String 1 Max LUX String 1 Max CCT String 2 Max LUX String 2 Save max values into flash, Learning finished Multi-channel LED driver Flash optional Daylight Sensor Ambient LUX Measurement (outwards looking sensor) CCT and/or LUX Measurement (inwards looking) Start AS7225 measurement (Set ATCALC=1) Wait for calculation (ATCALC =1) Pickup new PWM values (When ATCALC=0) Set new PWM values Set AS7225 settings, Learn AS7225 and set max LUX & CCT of string 1 and 2 ATLEARN Waiting for mode Ch 1 Ch 2 Ch 3 Set Mode 0 = DIM Ch1 1 = DIM Ch1 + CCT Ch2 & Ch3 2 = DIM + CCT Ch2 & Ch3 (ATCHAN1..3) |