| データシートサーチシステム |
|
AS7225 データシート(PDF) 45 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7225 データシート(HTML) 45 Page - OSRAM GmbH |
|
45 / 76 page ![]() Document Feedback AS7225 Register Description Datasheet • PUBLIC DS000496 • v2-00 • 2019-Jun-28 75 │ 44 These 4-byte floating-point registers can be used as needed by the MCU to individually scale the calibration coefficient data registers. Figure 58: COEF_DATA Register Addr: 0x50:0x53 (R/W) COEF_DATA Bit Bit Name Default Access Bit Description 31:0 COEF_DATA - R/W Calibration coefficient (4-byte floating point) Figure 59: COEF_READ Register Addr: 0x54 (R/W) COEF_READ Bit Bit Name Default Access Bit Description 7:0 COEF_READ - R/W Set sub addresses to read different calibration data from COEF_DATA registers 0x00 - 0x08: Production matrix 0x10 - 0x18: Application matrix 0x30: Norm gain (UINT8 - ADDR 0x50) 0x31: Norm integration time (UINT8 - ADDR 0x50) 0x32: Set IR scalar X 0x33: Set IR scalar Y 0x34: Set IR scalar Z 0x35: ALS scalar K0 (TSL2572 only) 0x36: ALS scalar K1 (TSL2572 only) Value out of range: 0xFFFFFFFF - NaN (Error) |