データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS7265X データシート(PDF) 60 Page - OSRAM GmbH

部品番号 AS7265X
部品情報  Smart 18-Channel VIS to NIR Spectral_ ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7265X データシート(HTML) 60 Page - OSRAM GmbH

Back Button AS7265X Datasheet HTML 56Page - OSRAM GmbH AS7265X Datasheet HTML 57Page - OSRAM GmbH AS7265X Datasheet HTML 58Page - OSRAM GmbH AS7265X Datasheet HTML 59Page - OSRAM GmbH AS7265X Datasheet HTML 60Page - OSRAM GmbH AS7265X Datasheet HTML 61Page - OSRAM GmbH AS7265X Datasheet HTML 62Page - OSRAM GmbH AS7265X Datasheet HTML 63Page - OSRAM GmbH AS7265X Datasheet HTML 64Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
ams Datasheet
Page 59
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Document Status
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade
Datasheet (discontinued)
Discontinued
Information in this datasheet is based on products which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade, but these products have been superseded and
should not be used for new designs
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64