データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS7265X データシート(PDF) 48 Page - OSRAM GmbH

部品番号 AS7265X
部品情報  Smart 18-Channel VIS to NIR Spectral_ ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7265X データシート(HTML) 48 Page - OSRAM GmbH

Back Button AS7265X Datasheet HTML 44Page - OSRAM GmbH AS7265X Datasheet HTML 45Page - OSRAM GmbH AS7265X Datasheet HTML 46Page - OSRAM GmbH AS7265X Datasheet HTML 47Page - OSRAM GmbH AS7265X Datasheet HTML 48Page - OSRAM GmbH AS7265X Datasheet HTML 49Page - OSRAM GmbH AS7265X Datasheet HTML 50Page - OSRAM GmbH AS7265X Datasheet HTML 51Page - OSRAM GmbH AS7265X Datasheet HTML 52Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
ams Datasheet
Page 47
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Detailed Description
ATFWS
W
Tests the checksum
on the non-active FW
partition and, if
correct, switches
active partition. This
is a toggle and used
to toggle between
the 2 FW partitions.
Note: The first 5 bytes
in page 0 are not
touched. It is only a
temporary switch
and must be used to
check the new
firmware whether the
communication
works!
--
-
ATFWL
W
This command locks
the current firmware
to starts on power
cycles. It rewrites the
first five bytes in
page0!
--
-
ATFWC
R
This command gives
information about
the current firmware
state
-
Bit0 - Checksum of
non-active firmware
OK
Bit1 - Error occurred
Bit2 - Bank 1 active
Bit3 - Not used
Bit4 - Current
firmware is locked
Bit5 - 56kBytes
transferred
Bit6 - Not used
Bit7 - Firmware
update active
-
ATFWA
W
Only for backward
compatibility to
support old firmware,
update mechanism.
Always returns with
OK. Because of flash
devices, it is not
possible to increment
the address
separately (page
erase necessary!)
--
-
Commands
Direction
Description
Format
Value Range
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64