データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMD3702VC データシート(PDF) 25 Page - OSRAM GmbH

部品番号 TMD3702VC
部品情報  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3702VC データシート(HTML) 25 Page - OSRAM GmbH

Back Button TMD3702VC Datasheet HTML 21Page - OSRAM GmbH TMD3702VC Datasheet HTML 22Page - OSRAM GmbH TMD3702VC Datasheet HTML 23Page - OSRAM GmbH TMD3702VC Datasheet HTML 24Page - OSRAM GmbH TMD3702VC Datasheet HTML 25Page - OSRAM GmbH TMD3702VC Datasheet HTML 26Page - OSRAM GmbH TMD3702VC Datasheet HTML 27Page - OSRAM GmbH TMD3702VC Datasheet HTML 28Page - OSRAM GmbH TMD3702VC Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
Page 24
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-14
TMD3702VC − Register Description
PIHTL Register (Address 0x8A)
Figure 31:
PIHTL Register
PIHTH Register (Address 0x8B)
Figure 32:
PIHTH Register
The contents of the PIHTH and PIHTL registers are combined
and treated as a fourteen (14) bit threshold high value. If the
value generated by the proximity ADC (PDATA) is above the
PIHTL/H threshold and the PPERS value is reached, the PINT bit
is asserted. If PIEN is set, then the INT pin will also assert. When
setting the 14-bit proximity threshold, PIHTL must be written
first, immediately follow by PIHTH. Internally, the lower 8-bits
are buffered until the upper 8-bits are written. As the upper
8-bits are written both the high and low bytes are
simultaneously latched as a 14-bit value.
If Automatic Pulse Control (APC) is disabled by setting bit 6 in
CFG6 to 1, then the proximity data converts to a 10-bit value.
PIHTL contains a 8-bit threshold which is compared against the
upper 8-bits of the 10-bit value. PIHTH is ignored.
Addr: 0x8A
PIHTL
Bit
Bit Name
Default
Access
Bit Description
7:0
PIHTL
0x00
RW
This register contains the low byte of the 14-bit
proximity HIGH threshold when APC is enabled. If APC
is disabled, this register contains the HIGH threshold
which is an 8-bit value which is compared against the
upper 8-bits of the 10-bit proximity value.
Addr: 0x8B
PIHTH
Bit
Bit Name
Default
Access
Bit Description
7:6
Reserved
00
RW
Reserved. Must be set to default value.
5:0
PIHTH
0x00
RW
This register contains the upper 6 bits of the 14-bit
proximity HIGH threshold when APC is enabled. If APC
is disabled, this register is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57