| データシートサーチシステム |
|
TMD3702VC データシート(PDF) 37 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD3702VC データシート(HTML) 37 Page - OSRAM GmbH |
|
37 / 57 page ![]() Page 36 Datasheet, Public Document Feedback [v2-00] 2023-Mar-14 TMD3702VC − Register Description CFG6 Register (Address 0xAE) Figure 56: CFG6 Register POFFSETL Register (Address 0xC0) Figure 57: POFFSETL Register POFFSETH Register (Address 0xC1) Figure 58: POFFSETH Register Typically, optical and/or electrical crosstalk negatively influence proximity operation and results. The POFFSETL/POFFSETH registers provide a mechanism to remove system crosstalk from the proximity data. POFFSETL and POFFSETH contains the magnitude and sign of a value which adjusts PDATA is generated in the AFE. An offset value in the range of ± 255 is possible. Addr: 0xAE CFG6 Bit Bit Name Default Access Bit Description 7 Reserved 0 RW Reserved. Must be set to default value. 6 APC Disable 0 RW Proximity automatic pulse control (APC) disable. 0 = APC enabled 1 = APC disabled 5:0 Reserved 111111 RW Reserved. Must be set to default value. Addr: 0xC0 POFFSETL Bit Bit Name Default Access Bit Description 7:0 POFFSETL 0x00 RW This register contains the magnitude portion of proximity offset adjust value. Addr: 0xC1 POFFSETH Bit Bit Name Default Access Bit Description 7:1 Reserved 0 RW Reserved. Must be set to default value. 0POFFSETH 0 RW This register contains the sign portion of proximity offset adjust value. |