| データシートサーチシステム |
|
TMD3702VC データシート(PDF) 36 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD3702VC データシート(HTML) 36 Page - OSRAM GmbH |
|
36 / 57 page ![]() Datasheet, Public Page 35 [v2-00] 2023-Mar-14 Document Feedback TMD3702VC − Register Description CFG3 Register (Address 0xAB) Figure 54: CFG3 Register The SAI bit sets the device operational mode following the completion of an ALS or proximity cycle. If AINT and AIEN are both set or if PINT and PIEN are both set, causing an interrupt on the INT pin, and the SAI bit is set, then the oscillator will deactivate. The device will appear as if PON = 0, however, PON will read as 1. The device can only be reactivated (oscillator enabled) by clearing the interrupts in the STATUS register. CFG4 Register (Address 0xAC) Figure 55: CFG4 Register Addr: 0xAB CFG3 Bit Bit Name Default Access Bit Description 7 INT_READ_CLEAR 0 RW If set, then all flag bits in the STATUS register will be reset whenever the STATUS register is read over I²C. 6:5 Reserved 0 RW Reserved. Must be set to default value. 4SAI 0 RW The Sleep After Interrupt bit is used to place the device into a low power mode upon an interrupt pin assertion. PON SAI INT Oscillator 0X X OFF 10 X ON 11 1 ON 11 0 OFF 3:0 Reserved 0100 RW Reserved. Must be set to default value. Addr: 0xAC CFG4 Bit Bit Name Default Access Bit Description 7:0 Reserved 0x3F RW Reserved. Must be set to 0x3D. |