| データシートサーチシステム |
|
TMF8805 データシート(PDF) 25 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8805 データシート(HTML) 25 Page - OSRAM GmbH |
|
25 / 74 page ![]() TMF8805 Register description Datasheet • PUBLIC • Document Feedback DS000692 • v7-00 • 2023-Dec-01 25 / 74 / 6.2 App0 registers – appid=0xC0 Following registers are only available if appid=0xC0 (App0): 6.2.1 CMD_DATA9 register (Address 0x06) Table 20: CMD_DATA9 register Addr: 0x06 CMD_DATA9 Field Name Rst Type Description 7:0 cmd_data9 0 W Command data 9 – see COMMAND register (Address 0x10); for future extension of commands. 6.2.2 CMD_DATA8 register (Address 0x07) Table 21: CMD_DATA8 register Addr: 0x07 CMD_DATA8 Bit Bit name Default Access Bit description 7:0 cmd_data8 0 W Command data 8 – see COMMAND register (Address 0x10); for future extension of commands. 6.2.3 CMD_DATA7 register (Address 0x08) Table 22: CMD_DATA7 register Addr: 0x08 CMD_DATA7 Field Name Rst Type Description 7:0 cmd_data7 0 W Command data 7 – see COMMAND register (Address 0x10) |