| データシートサーチシステム |
|
TMF8805 データシート(PDF) 45 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8805 データシート(HTML) 45 Page - OSRAM GmbH |
|
45 / 74 page ![]() TMF8805 Register description Datasheet • PUBLIC • Document Feedback DS000692 • v7-00 • 2023-Dec-01 45 / 74 / 6.3.26 OBJECT_HITS_2 register (Address 0x39) Table 62: OBJECT_HITS_2 register Addr: 0x39 OBJECT_HITS_2 Field Name Rst Type Description 7:0 object_hits[23:16] 0 RO Sum of the object SPADs hits during the distance measurement; zero if no object is detected or distance algorithm is no used 6.3.27 OBJECT_HITS_3 register (Address 0x3A) Table 63: OBJECT_HITS_3 register Addr: 0x3A OBJECT_HITS_3 Field Name Rst Type Description 7:0 object_hits[31:24] 0 RO Sum of the object SPADs hits during the distance measurement; zero if no object is detected or distance algorithm is no used 6.4 Calibration and algorithm state data exchange These registers shall be pre-loaded by the host before command=0x02 or 0x0B is executed. |