| データシートサーチシステム |
|
TMF8805 データシート(PDF) 50 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8805 データシート(HTML) 50 Page - OSRAM GmbH |
|
50 / 74 page ![]() TMF8805 Register description Datasheet • PUBLIC • Document Feedback DS000692 • v7-00 • 2023-Dec-01 50 / 74 / 6.4.13 FACTORY_CALIB_12 register (Address 0x2C) Table 76: FACTORY_CALIB_12 register Addr: 0x2C FACTORY_CALIB_12 Field Name Rst Type Description 7:0 factory_calib_12 0 RW Factory calibration data 6.4.14 FACTORY_CALIB_13 register (Address 0x2D) Table 77: FACTORY_CALIB_13 register Addr: 0x2D FACTORY_CALIB_13 Field Name Rst Type Description 7:0 factory_calib_13 0 RW Factory calibration data If algorithm state data is sent to TMF8805 following registers shall be pre-loaded by the host before command=0x02 or 0x0B is executed. Information: If algorithm state data is sent to TMF8805 following registers shall be pre-loaded by the host before command=0x02 or 0x0B is executed. 6.4.15 STATE_DATA_WR_0 register (Address 0x2E) Table 78: STATE_DATA_WR_0 register Addr: 0x2E STATE_DATA_WR_0 Field Name Rst Type Description 7:0 state_data_wr_0 0 RW Algorithm state data |