| データシートサーチシステム |
|
SL2S3003TT データシート(PDF) 58 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2S3003TT データシート(HTML) 58 Page - NXP Semiconductors |
|
58 / 82 page ![]() NXP Semiconductors SL2S3003/SL2S3003TT ICODE 3 (TagTamper) 8.5.3.17 WRITE EAS ID Command code = A7h The command WRITE EAS ID stores a new EAS Identifier in the corresponding configuration memory. If EAS is password protected (for Set and Reset EAS) the EAS password must be transmitted first with the SET PASSWORD command. The timing of the command is write alike. Option 1 (Option flag set) is supported. Option 0 (Option flag not set) is supported. Also, a WRITE CONFIG command to block 18 of the configuration memory can write the EAS ID. See Table 9. SOF Flags WRITE EAS ID IC Mfg code UID EAS ID value CRC16 EOF - 8 bits 8 bits 8 bits 64 bits optional 16 bits 16 bits - Table 105. WRITE EAS ID request format SOF Flags Error code CRC16 EOF - 8 bits 8 bits 16 bits - Table 106. WRITE EAS ID response format when Error_flag set SOF Flags CRC16 EOF - 8 bits 16 bits - Table 107. WRITE EAS ID response format when Error_flag NOT set SL2S3003/SL2S3003TT All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 3.0 — 28 March 2024 58 / 82 |