| データシートサーチシステム |
|
SL2S3003TT データシート(PDF) 64 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2S3003TT データシート(HTML) 64 Page - NXP Semiconductors |
|
64 / 82 page ![]() NXP Semiconductors SL2S3003/SL2S3003TT ICODE 3 (TagTamper) 8.5.3.22 WRITE CONFIG Command code = C1h The WRITE_CONFIG command writes the 4-byte data to the requested block address of the configuration memory. Access to the configuration blocks depends on the status and definition of the related block within the configuration memory (see Section 8.2.3 "Configuration memory"). If the configuration memory is password protected, write access is only possible after the valid authentication with the SET PASSWORD command with the Configuration password. If the requested configuration block is not write accessible due to the actual status, the ICODE 3 responds with Error_flag set (Table 122). If the Configuration memory is write-locked with the OTP_CFG_LOCK bit (see Table 29), ICODE 3 responds with Error_flag set. The timing of the command is write alike. Option 1 (Option flag set) is supported. Option 0 (Option flag not set) is supported. SOF Flags WRITE_CONFIG IC Mfg code UID Block Address Data CRC16 EOF - 8 bits 8 bits 8 bits 64 bits optional 8 bits 32 bits 16 bits - Table 121. WRITE_CONFIG request format SOF Flags Error code CRC16 EOF - 8 bits 8 bits 16 bits - Table 122. WRITE_CONFIG response format when Error_flag set SOF Flags CRC16 EOF - 8 bits 16 bits - Table 123. WRITE_CONFIG response format when Error_flag NOT set SL2S3003/SL2S3003TT All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 3.0 — 28 March 2024 64 / 82 |