データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL2S3003TT データシート(PDF) 11 Page - NXP Semiconductors

部品番号 SL2S3003TT
部品情報  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TT データシート(HTML) 11 Page - NXP Semiconductors

Back Button SL2S3003TT Datasheet HTML 7Page - NXP Semiconductors SL2S3003TT Datasheet HTML 8Page - NXP Semiconductors SL2S3003TT Datasheet HTML 9Page - NXP Semiconductors SL2S3003TT Datasheet HTML 10Page - NXP Semiconductors SL2S3003TT Datasheet HTML 11Page - NXP Semiconductors SL2S3003TT Datasheet HTML 12Page - NXP Semiconductors SL2S3003TT Datasheet HTML 13Page - NXP Semiconductors SL2S3003TT Datasheet HTML 14Page - NXP Semiconductors SL2S3003TT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8 Functional description
8.1 Block description
The ICODE 3 includes three major blocks: the analog RF interface, the digital controller, and the EEPROM.
Analog RF interface
The interrogator generates an electromagnetic field. The analog RF interface generates the stable power supply
and the system clock from the electromagnetic field via the antenna. The ICODE 3 requires no internal power
supply.
The analog RF interface also includes:
• The demodulator: Demodulates the data transmitted from the interrogator to the ICODE label. The data is
then processes in the digital control block.
• The modulator: Modulates the electromagnetic field for data transmission from the ICODE label to the
interrogator.
Digital control block
The digital control block includes the state machines. The block is used to process the data and to handle the
communication with the EEPROM.
EEPROM
Data are stored in a non-volatile memory (EEPROM).
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
11 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82