| データシートサーチシステム |
|
S12SCIV2/D データシート(PDF) 36 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SCIV2/D データシート(HTML) 36 Page - Freescale Semiconductor, Inc |
|
36 / 130 page ![]() MC9S12H256 Device User Guide — V01.18 $0086 ATDSTAT0 Read: SCF 0 ETORF FIFOR CC3 CC2 CC1 CC0 Write: $0087 Reserved Read: 00000000 Write: $0088 ATDTEST0 Read: SAR9 SAR8 SAR7 SAR6 SAR5 SAR4 SAR3 SAR2 Write: $0089 ATDTEST1 Read: SAR1 SAR0 0 0 0 RST ATDCLK SC Write: $008A ATDSTAT2 Read: CCF15 CCF14 CCF13 CCF12 CCF11 CCF10 CCF9 CCF8 Write: $008B ATDSTAT1 Read: CCF7 CCF6 CCF5 CCF4 CCF3 CCF2 CCF1 CCF0 Write: $008C ATDDIEN0 Read: Bit 15 14 13 12 11 10 9 Bit 8 Write: $008D ATDDIEN1 Read: Bit 7 654321 Bit 0 Write: $008E PORTAD0 Read: Bit15 14 13 12 11 10 9 Bit8 Write: $008F PORTAD1 Read: Bit7 654321 BIT 0 Write: $0090 ATDDR0H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $0091 ATDDR0L Read: Bit7 654321 Bit0 Write: $0092 ATDDR1H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $0093 ATDDR1L Read: Bit7 654321 Bit0 Write: $0094 ATDDR2H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $0095 ATDDR2L Read: Bit7 654321 Bit0 Write: $0096 ATDDR3H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $0097 ATDDR3L Read: Bit7 654321 Bit0 Write: $0098 ATDDR4H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $0099 ATDDR4L Read: Bit7 654321 Bit0 Write: $009A ATDDR5H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $009B ATDDR5L Read: Bit7 654321 Bit0 Write: $009C ATDDR6H Read: Bit15 11 10 9 Bit8 Write: $009D ATDDR6L Read: Bit7 654321 Bit0 Write: $009E ATDDR7H Read: Bit15 11 10 9 Bit8 Write: $0080 - $00AF ATD (Analog to Digital Converter 10 Bit 16 Channel) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |