| データシートサーチシステム |
|
S12SCIV2/D データシート(PDF) 53 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SCIV2/D データシート(HTML) 53 Page - Freescale Semiconductor, Inc |
|
53 / 130 page ![]() MC9S12H256 Device User Guide — V01.18 1.6 Part ID Assignments The part ID is located in two 8-bit registers PARTIDH and PARTIDL at addresses $001A,$001B, respectively. The read-only value is a unique part ID for each revision of the chip. Table 1-5 shows the assigned part ID numbers. $0245 PPSV Read: PPSV7 PPSV6 PPSV5 PPSV4 PPSV3 PPSV2 PPSV1 PPSV0 Write: $0246 Reserved Read: 00000000 Write: $0247 Reserved Read: 00000000 Write: $0248 PTW Read: PTW7 PTW6 PTW5 PTW4 PTW3 PTW2 PTW1 PTW0 Write: $0249 PTIW Read: PTIW7 PTIW6 PTIW5 PTIW4 PTIW3 PTIW2 PTIW1 PTIW0 Write: $024A DDRW Read: DDRW7 DDRW7 DDRW5 DDRW4 DDRW3 DDRW2 DDRW1 DDRW0 Write: $024B SRRW Read: SRRW7 SRRW6 SRRW5 SRRW4 SRRW3 SRRW2 SRRW1 SRRW0 Write: $024C PERW Read: PERW7 PERW6 PERW5 PERW4 PERW3 PERW2 PERW1 PERW0 Write: $024D PPSW Read: PPSW7 PPSW6 PPSW5 PPSW4 PPSW3 PPSW2 PPSW1 PPSW0 Write: $024E Reserved Read: 00000000 Write: $024F Reserved Read: 00000000 Write: $0250 - $027F Reserved Read: 00000000 Write: $0280 - $03FF Reserved Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $0280 - $03FF Reserved Read: 00000000 Write: Table 1-5 Assigned Part ID Numbers Device Mask Set Number Part ID1 MC9S12H256 0K78X $1000 MC9S12H256 1K78X $1001 $0200 - $027F PIM (Port Integration Module) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |