| データシートサーチシステム |
|
S12SCIV2/D データシート(PDF) 47 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SCIV2/D データシート(HTML) 47 Page - Freescale Semiconductor, Inc |
|
47 / 130 page ![]() MC9S12H256 Device User Guide — V01.18 $01B1 Extended ID Read: ID20 ID19 ID18 SRR=1 IDE=1 ID17 ID16 ID15 CAN1TIDR1 Write: Standard ID Read: ID2 ID1 ID0 RTR IDE=0 Write: $01B2 Extended ID Read: ID14 ID13 ID12 ID11 ID10 ID9 ID8 ID7 CAN1TIDR2 Write: Standard ID Read: Write: $01B3 Extended ID Read: ID6 ID5 ID4 ID3 ID2 ID1 ID0 RTR CAN1TIDR3 Write: Standard ID Read: Write: $01B4- $01BB CAN1TDSR0 - CAN1TDSR7 Read: DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Write: $01BC CAN1TDLR Read: DLC3 DLC2 DLC1 DLC0 Write: $01BD CON1TTBPR Read: PRIO7 PRIO6 PRIO5 PRIO4 PRIO3 PRIO2 PRIO1 PRIO0 Write: $01BE CAN1TTSRH Read: TSR15 TSR14 TSR13 TSR12 TSR11 TSR10 TSR9 TSR8 Write: $01BF CAN1TTSRL Read: TSR7 TSR6 TSR5 TSR4 TSR3 TSR2 TSR1 TSR0 Write: $01C0 - $01FF MC (Motor Controller 10bit 12 channels) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $01C0 MCCTL0 Read: 0 MCPRE1 MCPRE0 MCSWAI FAST DITH 0 MCTOIF Write: $01C1 MCCTL1 Read: RECIRC 000000 MCTOIE Write: $01C2 MCPER (hi) Read: 00000 P10 P9 P8 Write: $01C3 MCPER (lo) Read: P7 P6 P5 P4 P3 P2 P1 P0 Write: $01C4 Reserved Read: 00000000 Write: $01C5 Reserved Read: 00000000 Write: $01C6 Reserved Read: 00000000 Write: $01C7 Reserved Read: 00000000 Write: $01C8 Reserved Read: 00000000 Write: $01C9 Reserved Read: 00000000 Write: $01CA Reserved Read: 00000000 Write: $01CB Reserved Read: 00000000 Write: Table 1-4 Detailed MSCAN Foreground Receive and Transmit Buffer Layout Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |