| データシートサーチシステム |
|
IA188EM-PQF100I-R データシート(PDF) 27 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA188EM-PQF100I-R データシート(HTML) 27 Page - InnovASIC, Inc |
|
27 / 133 page ![]() IA186EM/IA188EM Data Sheet 8/16-BIT Microcontrollers As of Production Version -03 PIO Number Associated Pin Name Power-On Reset Status 7(a) a17 Normal operation(c) 8(a) a18 Normal operation(c) 9(a) a19 Normal operation(c) 10 tmrout0 Input with pull-down 11 tmrin0 Input with pull-up 12 drq0 Input with pull-up 13 drq1 Input with pull-up 14 mcs0_n Input with pull-up 15 mcs1_n Input with pull-up 16 pcs0_n Input with pull-up 17 pcs1_n Input with pull-up 18 pcs2_n Input with pull-up 19 pcs3_n Input with pull-up 20 sclk Input with pull-up 21 sdata Input with pull-up 22 sden0 Input with pull- down 23 sden1 Input with pull- down 24 mcs2_n Input with pull-up 25 mcs3_n/rfsh_n Input with pull-up 26(a, b) uzi Input with pull-up 27 txd Input with pull-up 28 rxd Input with pull-up 29(a, b) s6/clkdiv2_n Input with pull-up 30 int4 Input with pull-up 31 int2 Input with pull-up NOTES 1. Emulators use these pins. (s2_n-s0_n, res_n, nmi, clkouta, bhe_n, ale, ad15 – ad0, and a16 – a0 are used by emulators also.) 2. If bhe_n/aden_n (ia186EM) or rfsh2_n/aden (ia188EM) is held low during power-on reset, these pins revert to normal operation. 3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com |