| データシートサーチシステム |
|
IA188EM-PQF100I-R データシート(PDF) 89 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA188EM-PQF100I-R データシート(HTML) 89 Page - InnovASIC, Inc |
|
89 / 133 page ![]() IA186EM/IA188EM Data Sheet 8/16-BIT Microcontrollers As of Production Version -03 /sr This byte is placed before the instruction as shown above under Segment Override Prefix. cb The byte following the Opcode byte specifies the offset. cd The double-word following the Opcode byte specifies the offset and is some cases a segment. ib Immediate byte – signed or unsigned determined by the Opcode byte. iw Immediate word – signed or unsigned determined by the Opcode byte. rw Word register operand as determined by the Opcode byte, aux field. Flags Affected After Instruction U Undefined - Unchanged R Result dependent 3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com |