| データシートサーチシステム |
|
IA188EM-PQF100I-R データシート(PDF) 81 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA188EM-PQF100I-R データシート(HTML) 81 Page - InnovASIC, Inc |
|
81 / 133 page ![]() IA186EM/IA188EM Data Sheet 8/16-BIT Microcontrollers As of Production Version -03 Instruction Opcode - Hex Clock Cycles Flags Affected Mnemonic Description byte 1 byte 2 byte 3-6 IA186 IA188 O D I T S Z A P C Fill CX bytes at ES:[DI] with AL F3 AA - 8+8n 8+8n REP STOS Fill CX words at ES:[DI] with AL F3 AB - 8+8n 12+8n - - - - - - - - - Find non-matching bytes in ES:[DI] and segment :[SI] F3 A6 - 5+22n 5+22n REPE CMPS Find non-matching words in ES:[DI] and segment :[SI] F3 A7 - 5+22n 9+22n Find non-AL byte starting at ES:[DI] F3 AE - 5+15n 5+15n REPE SCAS Find non-AX word starting at ES:[DI] F3 AF - 5+15n 9+15n Find non-matching bytes in ES:DI and segment :[SI] F3 A6 - 5+22n 5+22n REPZ CMPS Find non-matching words in ES:DI and segment :[SI] F3 A7 - 5+22n 9+22n Find non-AL byte starting at ES:DI F3 AE - 5+15n 5+15n REPZ SCAS Find non-AX word starting at ES:DI F3 AF - 5+15n 9+15n - - - - - - - - - Find matching bytes in ES:[DI] and segment :[SI] F2 A6 - 5+22n 5+22n REPNE CMPS Find matching words in ES:[DI] and segment :[SI] F2 A7 - 5+22n 9+22n Find AL byte starting at ES:[DI] F2 A6 - 5+22n 5+22n REPNZ CMPS Find AX word starting at ES:[DI] F2 A7 - 5+22n 9+22n Find matching bytes in ES:DI and segment :[SI] F2 AE - 5+15n 5+15n REPNE SCAS Find matching words in ES:DI and segment :[SI] F2 AF - 5+15n 9+15n Find AL byte starting at ES:DI F2 AE - 5+15n 5+15n REPNZ SCAS Find AX word starting at ES:DI F2 AF - 5+15n 9+15n - - - - - - - - - Return near to calling procedure C3 16 20 Return far to calling procedure CB data low data high 22 30 Return near; pop imm16 parameters C2 18 22 RET Return far; pop imm16 parameters CA data low data high 25 33 - - - - - - - - - Rotate 8 bits of r/m8 left once D0 /0 - 2/15 2/15 Rotate 8 bits or r/m8 left CL times D2 /0 - 5+n/ 17+n 5+n/ 17+n Rotate 8 bits or r/m8 left imm8 times C0 /0 ib data 8 5+n/ 17+n 5+n/ 17+n ROL Rotate 16 bits of r/m8 left once D1 /0 - 2/15 2/15 U - - - - - - - R 3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com |