| データシートサーチシステム |
|
IA188EM-PQF100I-R データシート(PDF) 111 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA188EM-PQF100I-R データシート(HTML) 111 Page - InnovASIC, Inc |
|
111 / 133 page ![]() IA186EM/IA188EM Data Sheet 8/16-BIT Microcontrollers As of Production Version -03 3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com Bus Hold Entering 0ns 20ns 40ns 60ns 80ns 100ns 120ns 140ns clkoutA hold hlda ad[15:0],den_n s2_n-s1_n,whb_n,wlb_n 58 62 15 63 Bus Hold Leaving 0ns 20ns 40ns 60ns 80ns 100ns 120ns 140ns clkoutA hold hlda ad[15:0],den_n s2_n-s1_n,whb_n,wlb_n 58 62 5 64 Reset and Bus Hold Timing No. Name Description MIN MAX Units Reset and Bus Hold Timing Requirements 5 tCLAV ad Address Valid Delay 0 12 ns 15 tCLAZ ad Address Float Delay tCLCH ns 57 tRESIN res_n Setup Time 10 ns 58 tHVCL hld Setup Time 10 ns Reset and Bus Hold Timing Responses 62 tCLHAV hlda Valid Delay 0 7 ns 63 tCHCZ Command Lines Float Delay 0 12 ns 64 tCHCV Command Lines Valid Delay (after Float) 0 12 ns a[19:0], s6,rd_n,wr_n,bhe_n, dr/r_n a[19:0], s6,rd_n,wr_n,bhe_n, dr/r_n |