| データシートサーチシステム |
|
MPC8540CPX667LC データシート(PDF) 36 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540CPX667LC データシート(HTML) 36 Page - Freescale Semiconductor, Inc |
|
36 / 104 page ![]() MPC8540 Integrated Processor Hardware Specifications, Rev. 4 36 Freescale Semiconductor Local Bus 9 Local Bus This section describes the DC and AC electrical specifications for the local bus interface of the MPC8540. 9.1 Local Bus DC Electrical Characteristics Table 35 provides the DC electrical characteristics for the local bus interface. 9.2 Local Bus AC Electrical Specifications Table 36 describes the general timing parameters of the local bus interface of the MPC8540 with the DLL enabled. Table 35. Local Bus DC Electrical Characteristics Parameter Symbol Min Max Unit High-level input voltage VIH 2OVDD + 0.3 V Low-level input voltage VIL –0.3 0.8 V Input current (VIN 1 = 0 V or V IN = VDD) IIN —±5 μA High-level output voltage (OVDD = min, IOH = –2 mA) VOH OVDD - 0.2 — V Low-level output voltage (OVDD = min, IOL = 2 mA) VOL —0.2 V Note: 1.Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2. Table 36. Local Bus General Timing Parameters - DLL Enabled Parameter POR Configuration Symbol 1 Min Max Unit Notes Local bus cycle time tLBK 6.0 — ns 2 LCLK[n] skew to LCLK[m] or LSYNC_OUT tLBKSKEW — 150 ps 3, 9 Input setup to local bus clock (except LUPWAIT) tLBIVKH1 1.8 — ns 4, 5, 8 LUPWAIT input setup to local bus clock tLBIVKH2 1.7 — ns 4, 5 Input hold from local bus clock (except LUPWAIT) tLBIXKH1 0.5 — ns 4, 5, 8 LUPWAIT input hold from local bus clock tLBIXKH2 1.0 — ns 4, 5 LALE output transition to LAD/LDP output transition (LATCH hold time) tLBOTOT 1.5 — ns 6 |