| データシートサーチシステム |
|
MPC8540CPX667LC データシート(PDF) 52 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540CPX667LC データシート(HTML) 52 Page - Freescale Semiconductor, Inc |
|
52 / 104 page ![]() MPC8540 Integrated Processor Hardware Specifications, Rev. 4 52 Freescale Semiconductor PCI/PCI-X Figure 17 provides the AC test load for PCI and PCI-X. Figure 31. PCI/PCI-X AC Test Load Figure 32 shows the PCI/PCI-X input AC timing conditions. Figure 32. PCI-PCI-X Input AC Timing Measurement Conditions Figure 33 shows the PCI/PCI-X output AC timing conditions. Figure 33. PCI-PCI-X Output AC Timing Measurement Condition Table 43 provides the PCI-X AC timing specifications at 66 MHz. Table 43. PCI-X AC Timing Specifications at 66 MHz Parameter Symbol Min Max Unit Notes SYSCLK to signal valid delay tPCKHOV — 3.8 ns 1, 2, 3, 7, 8 Output hold from SYSCLK tPCKHOX 0.7 — ns 1, 10 SYSCLK to output high impedance tPCKHOZ — 7 ns 1, 4, 8, 11 Input setup time to SYSCLK tPCIVKH 1.7 — ns 3, 5 Input hold time from SYSCLK tPCIXKH 0.5 — ns 10 REQ64 to HRESET setup time tPCRVRH 10 — clocks 11 HRESET to REQ64 hold time tPCRHRX 050 ns 11 HRESET high to first FRAME assertion tPCRHFV 10 — clocks 9, 11 Output OVDD/2 RL = 50 Ω Z0 = 50 Ω tPCIVKH CLK Input tPCIXKH CLK Output Delay tPCKHOV High-Impedance tPCKHOZ Output |