| データシートサーチシステム |
|
MPC8540CPX667LC データシート(PDF) 68 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540CPX667LC データシート(HTML) 68 Page - Freescale Semiconductor, Inc |
|
68 / 104 page ![]() MPC8540 Integrated Processor Hardware Specifications, Rev. 4 68 Freescale Semiconductor Package and Pin Listings 6. Caution must be taken not to short capacitors or exposed metal capacitor pads on package top. 7. The socket lid must always be oriented to A1. 14.3 Pinout Listings Table 53 provides the pin-out listing for the MPC8540, 783 FC-PBGA package. Table 53. MPC8540 Pinout Listing Signal Package Pin Number Pin Type Power Supply Notes PCI/PCI-X PCI_AD[63:0] AA14, AB14, AC14, AD14, AE14, AF14, AG14, AH14, V15, W15, Y15, AA15, AB15, AC15, AD15, AG15, AH15, V16, W16, AB16, AC16, AD16, AE16, AF16, V17, W17, Y17, AA17, AB17, AE17, AF17, AF18, AH6, AD7, AE7, AH7, AB8, AC8, AF8, AG8, AD9, AE9, AF9, AG9, AH9, W10, Y10, AA10, AE11, AF11, AG11, AH11, V12, W12, Y12, AB12, AD12, AE12, AG12, AH12, V13, Y13, AB13, AC13 I/O OVDD 17 PCI_C_BE[7:0] AG13, AH13, V14, W14, AH8, AB10, AD11, AC12 I/O OVDD 17 PCI_PAR AA11 I/O OVDD PCI_PAR64 Y14 I/O OVDD PCI_FRAME AC10 I/O OVDD 2 PCI_TRDY AG10 I/O OVDD 2 PCI_IRDY AD10 I/O OVDD 2 PCI_STOP V11 I/O OVDD 2 PCI_DEVSEL AH10 I/O OVDD 2 PCI_IDSEL AA9 I OVDD PCI_REQ64 AE13 I/O OVDD 5, 10 PCI_ACK64 AD13 I/O OVDD 2 PCI_PERR W11 I/O OVDD 2 PCI_SERR Y11 I/O OVDD 2, 4 PCI_REQ0 AF5 I/O OVDD PCI_REQ[1:4] AF3, AE4, AG4, AE5 I OVDD PCI_GNT[0] AE6 I/O OVDD PCI_GNT[1:4] AG5, AH5, AF6, AG6 O OVDD 5, 9 |