| データシートサーチシステム |
|
STPMIC25APQR データシート(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC25APQR データシート(HTML) 83 Page - STMicroelectronics |
|
83 / 145 page ![]() 6.3.8 Fail-safe overcurrent protection control register 2 (FS_OCP_CR2) Table 49. FS_OCP_CR2 7 6 5 4 3 2 1 0 FS_OCP_LDO8 FS_OCP_LDO7 FS_OCP_LDO6 FS_OCP_LDO5 FS_OCP_LDO4 FS_OCP_LDO3 FS_OCP_LDO2 FS_OCP_LDO1 R/W R/W R/W R/W R/W R/W R/W R/W • Address: 0x17 • Default: 0xXX where X depends on the value programmed in NVM • Description: Fail-safe overcurrent protection control register 2 (see Section 5.4.9 ). This register is initialized to the default value in the CHECK&LOAD state. [7] FS_OCP_LDO8: LDO8 OCP management mode selection. 0: OCP hiccup mode (Level 0) 1: OCP fail-safe PMIC turn-off (Level 1) [6] FS_OCP_LDO7: LDO7 OCP management mode selection. 0: OCP hiccup mode (Level 0) 1: OCP fail-safe PMIC turn-off (Level 1) [5] FS_OCP_LDO6: LDO6 OCP management mode selection. 0: OCP hiccup mode (Level 0) 1: OCP fail-safe PMIC turn-off (Level 1) [4] FS_OCP_LDO5: LDO5 OCP management mode selection. 0: OCP hiccup mode (Level 0) 1: OCP fail-safe PMIC turn-off (Level 1) [3] FS_OCP_LDO4: LDO4 OCP management mode selection. 0: OCP hiccup mode (Level 0) 1: OCP fail-safe PMIC turn-off (Level 1) [2] FS_OCP_LDO3: LDO3 OCP management mode selection. 0: OCP hiccup mode (Level 0) 1: OCP fail-safe PMIC turn-off (Level 1) [1] FS_OCP_LDO2: LDO2 OCP management mode selection. 0: OCP hiccup mode (Level 0) 1: OCP fail-safe PMIC turn-off (Level 1) [0] FS_OCP_LDO1: LDO1 OCP management mode selection. 0: OCP hiccup mode (Level 0) 1: OCP fail-safe PMIC turn-off (Level 1) STPMIC25 Register descriptions DS14278 - Rev 3 page 83/145 |