| データシートサーチシステム |
|
STPMIC25APQR データシート(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC25APQR データシート(HTML) 84 Page - STMicroelectronics |
|
84 / 145 page ![]() 6.3.9 Pads pull control register (PADS_PULL_CR) Table 50. PADS_PULL_CR 7 6 5 4 3 2 1 0 PWRCTRL3_PULL[1:0] PWRCTRL2_PULL[1:0] PWRCTRL1_PULL[1:0] WKUP_PU PKEY_PU R/W R/W R/W R/W R/W R/W R/W R/W • Address: 0x18 • Default: 0b01010111 • Description: Pads pull control register. This register is initialized to the default value in the CHECK&LOAD state. [7:6] PWRCTRL3_PULL[1:0]: PWRCTRL3 pad pull resistor selection. 00: no pull 01: pull-up active (RPU) 10: pull-down active (RPD) 11: no pull [5:4] PWRCTRL2_PULL[1:0]: PWRCTRL2 pad pull resistor selection. 00: no pull 01: pull-up active (RPU) 10: pull-down active (RPD) 11: no pull [3:2] PWRCTRL1_PULL[1:0]: PWRCTRL1 pad pull resistor selection. 00: no pull 01: pull-up active (RPU) 10: pull-down active (RPD) 11: no pull [1] WKUP_PU: WAKEUPn pull-up control. 0: no pull 1: pull-up active (RPU) [0] PKEY_PU: PONKEYn pull-up control. 0: no pull 1: pull-up active (RPU) STPMIC25 Register descriptions DS14278 - Rev 3 page 84/145 |