| データシートサーチシステム |
|
STPMIC25APQR データシート(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC25APQR データシート(HTML) 86 Page - STMicroelectronics |
|
86 / 145 page ![]() 6.3.11 Buck pull-down control register 2 (BUCKS_PD_CR2) Table 52. BUCKS_PD_CR2 7 6 5 4 3 2 1 0 reserved reserved BUCK7_PD[1:0] BUCK6_PD[1:0] BUCK5_PD[1:0] R R R/W R/W R/W R/W R/W R/W • Address: 0x1A • Default: 0bXXXXXXXX where X depends on the value programmed in the NVM • Description: Bucks pull-down control register 2. – This register is initialized to the default value in the INIT&LOAD and in the CHECK&LOAD states. [7:6] reserved [5:4] BUCK7_PD[1:0]: BUCK7 pull-down selection. 00: no pull-down 01: slow pull-down active when BUCK7 is disabled (EN = 0) 10: fast pull-down active when BUCK7 is disabled (EN = 0) 11: slow pull-down forced active [3:2] BUCK6_PD[1:0]: BUCK6 pull-down selection. 00: no pull-down 01: slow pull-down active when BUCK6 is disabled (EN = 0) 10: fast pull-down active when BUCK6 is disabled (EN = 0) 11: slow pull-down forced active [1:0] BUCK5_PD[1:0]: BUCK5 pull-down selection. 00: no pull-down 01: slow pull-down active when BUCK5 is disabled (EN = 0) 10: fast pull-down active when BUCK5 is disabled (EN = 0) 11: slow pull-down forced active STPMIC25 Register descriptions DS14278 - Rev 3 page 86/145 |