| データシートサーチシステム |
|
STPMIC25APQR データシート(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC25APQR データシート(HTML) 108 Page - STMicroelectronics |
|
108 / 145 page ![]() 6.6.7 Interrupt mask registers (INT_MASK_Rx) (x = 1 to 4) Table 76. INT_MASK_Rx 7 6 5 4 3 2 1 0 Same as INT_PENDING_Rx R/W R/W R/W R/W R/W R/W R/W R/W • Address: 0x78/0x79/0x7A/0x7B • Default: 0xFF • Description: Interrupt clear registers 1 to 4 (see Section 6.6.1). Writing 0 unmasks the corresponding interrupt bit in INT_PENDING_Rx. These registers are reset to the default value as long as RSTn is asserted. For all bits: 0: interrupt is unmasked 1: interrupt is masked 6.6.8 Interrupt source registers (INT_SRC_Rx) (x = 1 to 4) Table 77. INT_SRC_Rx 7 6 5 4 3 2 1 0 Same as INT_PENDING_Rx R R R R R R R R • Address: 0x7C/0x7D/0x7E/0x7F • Default: 0xXX (where X depends on the actual state of interrupt sources) • Description: Interrupt source registers 1 to 4 (see Section 6.6.1). For all bits: 0: interrupt source is not present 1: interrupt source is present 6.6.9 Interrupt debug latch registers (INT_DBG_LATCH_Rx) (x = 1 to 4) Table 78. INT_DBG_LATCH_Rx 7 6 5 4 3 2 1 0 Same as INT_PENDING_Rx W/R0 W/R0 W/R0 W/R0 W/R0 W/R0 W/R0 W/R0 • Address: 0x80/0x81/0x82/0x83 • Default: 0x00 • Description: Interrupt debug latch registers 1 to 4 (see Section 6.6.1). Setting a bit emulates the corresponding interrupt event. The bit is self-cleared, and always reads 0. STPMIC25 Register descriptions DS14278 - Rev 3 page 108/145 |