| データシートサーチシステム |
|
STPMIC25APQR データシート(PDF) 120 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC25APQR データシート(HTML) 120 Page - STMicroelectronics |
|
120 / 145 page ![]() 6.8.16 NVM pull-down control shadow register 1 (NVM_PD_SHR1) Table 96. NVM_PD_SHR1 7 6 5 4 3 2 1 0 BUCK4_PD[1:0] BUCK3_PD[1:0] BUCK2_PD[1:0] BUCK1_PD[1:0] R/W R/W R/W R/W R/W R/W R/W R/W • Address: 0xA9 • Default: Depends on the PMIC part number • Description: NVM pull-down control shadow register 1. The content of this register is copied into BUCKS_PD_CR1 in the INIT&LOAD and the CHECK&LOAD states. [7:6] BUCK4_PD[1:0]: BUCK4 pull-down selection. 00: no pull-down 01: slow pull-down active when BUCK4 is disabled (EN = 0) 10: fast pull-down active when BUCK4 is disabled (EN = 0) 11: slow pull-down forced active [5:4] BUCK3_PD[1:0]: BUCK3 pull-down selection. 00: no pull-down 01: slow pull-down active when BUCK3 is disabled (EN = 0) 10: fast pull-down active when BUCK3 is disabled (EN = 0) 11: slow pull-down forced active [3:2] BUCK2_PD[1:0]: BUCK2 pull-down selection. 00: no pull-down 01: slow pull-down active when BUCK2 is disabled (EN = 0) 10: fast pull-down active when BUCK2 is disabled (EN = 0) 11: slow pull-down forced active [1:0] BUCK1_PD[1:0]: BUCK1 pull-down selection. 00: no pull-down 01: slow pull-down active when BUCK1 is disabled (EN = 0) 10: fast pull-down active when BUCK1 is disabled (EN = 0) 11: slow pull-down forced active STPMIC25 Register descriptions DS14278 - Rev 3 page 120/145 |