データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD55003STR-E データシート(PDF) 18 Page - STMicroelectronics

部品番号 PD55003STR-E
部品情報  RF power transistor from the LdmoST plastic family of N-channel enhancement-mode lateral MOSFETs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003STR-E データシート(HTML) 18 Page - STMicroelectronics

Back Button PD55003STR-E Datasheet HTML 14Page - STMicroelectronics PD55003STR-E Datasheet HTML 15Page - STMicroelectronics PD55003STR-E Datasheet HTML 16Page - STMicroelectronics PD55003STR-E Datasheet HTML 17Page - STMicroelectronics PD55003STR-E Datasheet HTML 18Page - STMicroelectronics PD55003STR-E Datasheet HTML 19Page - STMicroelectronics PD55003STR-E Datasheet HTML 20Page - STMicroelectronics PD55003STR-E Datasheet HTML 21Page - STMicroelectronics PD55003STR-E Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Common source s-parameter
PD55003-E
18/29
Doc ID 12273 Rev 4
Table 12.
S-parameter for the PowerSO-10RF formed lead (VDS = 12.5 V, IDS = 1.5 A)
Freq
(MHz)
IS11IS11∠Φ
IS21IS21∠Φ
IS12IS12 - DF
IS22IS22 - DF
50
0.789
-140
26.35
100
0.025
15
0.666
-141
100
0.800
-157
13.35
87
0.025
-1
0.675
-157
150
0.825
-164
8.88
80
0.024
-6
0.667
-162
200
0.836
-168
6.59
74
0.023
-13
0.678
-164
250
0.842
-171
5.22
68
0.024
-16
0.678
-165
300
0.851
-172
4.26
62
0.022
-18
0.713
-168
350
0.856
-174
3.56
57
0.021
-25
0.738
-168
400
0.864
-175
3.02
52
0.021
-28
0.754
-168
450
0.874
-176
2.60
48
0.019
-32
0.770
-168
500
0.882
-177
2.25
44
0.017
-32
0.782
-169
550
0.888
-178
1.98
40
0.016
-33
0.796
-171
600
0.898
-179
1.76
36
0.016
-37
0.806
-172
650
0.901
-180
1.58
33
0.013
-34
0.825
-173
700
0.909
179
1.42
30
0.013
-42
0.843
-174
750
0.910
178
1.29
27
0.011
-36
0.852
-175
800
0.915
177
1.18
24
0.012
-36
0.861
-176
850
0.915
177
1.08
21
0.010
-26
0.863
-176
900
0.922
176
0.99
19
0.009
-28
0.873
-178
950
0.926
175
0.92
16
0.008
-39
0.880
-179
1000
0.925
174
0.85
13
0.007
-39
0.882
180
1050
0.927
173
0.79
11
0.006
-27
0.892
179
1100
0.928
172
0.74
9
0.005
-35
0.891
178
1150
0.932
171
0.68
6
0.006
-11
0.899
178
1200
0.929
170
0.64
4
0.005
-20
0.896
177
1250
0.933
170
0.60
1
0.004
8
0.889
176
1300
0.935
169
0.57
0
0.005
15
0.907
175
1350
0.933
168
0.53
-3
0.004
25
0.904
174
1400
0.936
167
0.50
-4
0.003
53
0.911
174
1450
0.934
166
0.49
-6
0.004
53
0.909
173
1500
0.936
165
0.44
-7
0.004
64
0.914
172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29