データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

27C256 データシート(PDF) 5 Page - Microchip Technology

部品番号 27C256
部品情報  256K (32K x 8) CMOS EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C256 データシート(HTML) 5 Page - Microchip Technology

  27C256_04 Datasheet HTML 1Page - Microchip Technology 27C256_04 Datasheet HTML 2Page - Microchip Technology 27C256_04 Datasheet HTML 3Page - Microchip Technology 27C256_04 Datasheet HTML 4Page - Microchip Technology 27C256_04 Datasheet HTML 5Page - Microchip Technology 27C256_04 Datasheet HTML 6Page - Microchip Technology 27C256_04 Datasheet HTML 7Page - Microchip Technology 27C256_04 Datasheet HTML 8Page - Microchip Technology 27C256_04 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
 2004 Microchip Technology Inc.
DS11001N-page 5
27C256
FIGURE 1-2:
PROGRAMMING WAVEFORMS
TABLE 1-6:
MODES
Operation Mode
CE
OE
VPP
A9
O0 - O7
Read
VIL
VIL
VCC
XDOUT
Program
VIL
VIH
VH
XDIN
Program Verify
VIH
VIL
VH
XDOUT
Program Inhibit
VIH
VIH
VH
X
High Z
Standby
VIH
XVCC
X
High Z
Output Disable
VIL
VIH
VCC
X
High Z
Identity
VIL
VIL
VCC
VH
Identity Code
X = Don’t Care
VIH
VIL
VIH
VIL
13.0V(2)
5.0V
6.5V(2)
5.0V
VIH
VIL
VIH
VIL
Address
Data
VPP
VCC
CE
OE
tDF and t OE are characteristics of the device but must be accommodated by the programmer
VCC = 6.5 V ±0.25V, V PP = V H = 13.0V ±0.25V for express algorithm
tPW
tOES
Address Stable
tAH
tDS
tVPS
tDF
(1)
tDH
tOE
(1)
tAS
Program
Data Stable
Data Out Valid
Verify
tVCS
Notes:
(1)
(2)
High Z
1.2
Read Mode
(See Timing Diagrams and AC Characteristics)
Read Mode is accessed when:
a)
the CE pin is low to power up (enable) the chip
b)
the OE pin is low to gate the data to the output
pins
For Read operations, if the addresses are stable, the
address access time (tACC) is equal to the delay from
CE to output (tCE). Data is transferred to the output
after a delay from the falling edge of OE (tOE).



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com