| データシートサーチシステム |
|
ST7LITE49M データシート(PDF) 137 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITE49M データシート(HTML) 137 Page - STMicroelectronics |
|
137 / 188 page ![]() ST7LITE49M Instruction set 137/188 12.1.7 Relative modes (Direct, Indirect) This addressing mode is used to modify the PC register value by adding an 8-bit signed offset to it. The relative addressing mode consists of two submodes: Relative mode (Direct) The offset follows the opcode. Relative mode (Indirect) The offset is defined in memory, of which the address follows the opcode. Short instructions only CLR Clear INC, DEC Increment/decrement TNZ Test negative or zero CPL, NEG 1 or 2 complement BSET, BRES Bit operations BTJT, BTJF Bit test and jump operations SLL, SRL, SRA, RLC, RRC Shift and rotate operations SWAP Swap nibbles CALL, JP Call or jump subroutine Table 61. Instructions supporting Direct, Indexed, Indirect and Indirect Indexed addressing modes (continued) Instructions Function Table 62. Instructions supporting relative modes Available Relative Direct/Indirect instructions Function JRxx Conditional jump CALLR Call relative |